Part Number Hot Search : 
EC48117 150U60DM 7805C DG212B S29WS128 HER253 1N4556A MTN4156
Product Description
Full Text Search
 

To Download FSS244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN6938
FSS244
N-Channel Silicon MOSFET
FSS244
DC / DC Converter Applications
Features
* * *
Package Dimensions
unit : mm 2116
[FSS244]
8 5
0.3 4.4 6.0
0.2 5.0
Low ON-resistance. 4V drive. Ultrahigh speed switching.
1.5
1.8max
1
4
1 : Source 2 : Source 3 : Source 4 : Gate 5 : Drain 6 : Drain 7 : Drain 8 : Drain SANYO : SOP8
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg
0.595
1.27
0.43
Conditions
0.1
Ratings 30 20 10
Unit V V A A W C C
PW10s, duty cycle1% Mounted on a ceramic board (1200mm 2!0.8mm) 1unit
52 2.0 150 --55 to +150
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs Conditions ID=1mA, VGS=0 VDS=30V, VGS=0 VGS=16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=10A Ratings min 30 1 10 1.0 12 18 2.4 typ max Unit V A A V S
Marking : S244
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
42501 TS IM TA-1941 No.6938-1/4
FSS244
Continued from preceding page.
Parameter Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=10A, VGS=10V ID=4A, VGS=4.5V VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit VDS=10V, VGS=10V, ID=10A VDS=10V, VGS=10V, ID=10A VDS=10V, VGS=10V, ID=10A IS=10A, VGS=0 Ratings min typ 13 20 980 410 170 11 210 80 85 17 3.3 1.7 0.8 1.2 max 17 28 Unit m m pF pF pF ns ns ns ns nC nC nC V
Switching Time Test Circuit
VDD=15V 10V 0V Vin ID=10A RL=1.5 Vin PW=10s D.C.1%
D G
VOUT
P.G
50
S
FSS244
10.0V
4.5V
10 9 8
ID -- VDS
3.5 V
0V
16 14 12 10 8 6 4 2 0
ID -- VGS
VDS=10V
6.0V
Drain Current, ID -- A
8.0V
3.
7 6 5 4 3 2 1 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
VGS=2.5V
Drain Current, ID -- A
0
0.5
1.0
1.5
25
2.0
C
Ta= 75 C --25 C
2.5 3.0
3.5
4.0
Drain-to-Source Voltage, VDS -- V
60
IT00535 60
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
IT00536
RDS(on) -- Ta
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Static Drain-to-Source On-State Resistance, RDS(on) -- m
55 50 45 40 35 30 25 20 15 10 5 0 0 2 4 6 8 10 12 14 16
Ta=25C
50
40
30
ID=4A 10A
20
4A , I D= =4.5V VGS =10A 0.0V, I D V GS=1
10
18
20
0 --60
--40
--20
0
20
40
60
80
100
120
140
160
Gate-to-Source Voltage, VGS -- V
IT00537
Ambient Temperature, Ta -- C
IT00538
No.6938-2/4
FSS244
Forward Transfer Admittance, yfs -- S
100 7 5 3
yfs -- ID
VDS=10V
3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
IF -- VSD
VGS=0
10 7 5 3 2 1.0 7 5 3 2 0.1 0.1 2 3 5
C --25 Ta= C 75
25
C
Forward Current, IF -- A
2
7
1.0
2
3
5
10000 7 5 3 2
Ciss, Coss, Crss -- VDS
f=1MHz
Gate-to-Source Voltage, VGS -- V
Drain Current, ID -- A
7 10 IT00539
0.01 7 5 3 2 0.001 0.2
Ta= 75
C
25 C
--25 C
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Diode Forward Voltage, VSD -- V
10 9 8 7 6 5 4 3 2 1
IT00540
Qg -- VGS
VDS=10V ID=10A
Ciss, Coss, Crss -- pF
1000 7 5 3 2 100 7 5 3 2 10 0 5 10
Ciss
Coss
Crss
15
20
25
30 IT00541
0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 IT00542
Drain-to-Source Voltage, VDS -- V
1000 7 5
Total Gate Charge, Qg -- nC
100 7 5 3 2
SW Time -- ID
VDD=15V VGS=10V
Drain Current, ID -- A
ASO
IDP=52A ID=10A
DC op rat
<100s
1 10 ms ms
100s
Switching Time, SW Time -- ns
3 2 100 7 5 3 2 10 7 5 3 2 1.0 0.1 2 3 5 7 2 3 5 7 2 IT00543
td(off) tf
10 7 5 3 2 1.0 7 5 3 2
10
ion
0m
s
tr
td(on)
Operation in this area is limited by RDS(on).
(T a=
25
C
)
1.0
10
0.1 7 5 Ta=25C 3 Single pulse 2 2 0.01 Mounted on a ceramic board(1200mm !0.8mm) 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3
5 7 100 IT00544
Drain Current, ID -- A
3.0
PD -- Ta
Drain-to-Source Voltage, VDS -- V
Allowable Power Dissipation, PD -- W
2.5
2.0
M
ou
nte
do
1.5
na
ce
ram
ic
bo
1.0
ard
(12
00
mm
2
0.5
!0
.8m
m)
160
0 0 20 40 60 80 100 120 140
Ambient Temperature, Ta -- C
IT00545
No.6938-3/4
FSS244
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of April, 2001. Specifications and information herein are subject to change without notice.
PS No.6938-4/4


▲Up To Search▲   

 
Price & Availability of FSS244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X